Part Number Hot Search : 
NUU205E 150MC 1N1200C SFP9630 CSDPRAM 15C02CH C110A SS12L
Product Description
Full Text Search
 

To Download ECCTBC100DG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ceramic Capacitors (Safety Regulation SMD)
Ceramic Capacitors (Safety Regulations) For Surface Mounting Types BC and FC
Resin molded SMD type for reflow soldering High reliability Safety requirement approved by UL, SEMKO, NEMKO, FIMKO, DEMKO and KTL (for Type FC)
Features
Recommended Application
Interference suppressors circuit and Isolation circuit of IT equipment such as MODEM. Interference suppressors circuit of small power supply machinery such as DC-DC converters and power modules.
Explanation of Part Numbers
1 2 3 4 5 6 7 8 9 10 11 12
E
C
K
T
B
C
1
0
2
M
E
Product Code Code Class ECC Class1 ECK Class2
Packaging Style Code Style T Taped type
Code BC FC
Type Type Type BC Type FC
Nominal Capacitance (Ex.) Capacitance 050 5 pF 100 10 pF 470 47 pF 101 100 pF 221 220 pF 102 1000 pF
Cap. Tolerance Code Tol. C 0.25 pF D 0.5 pF F 1 pF J 5 % K 10 % M 20 %
Temp. Char. Code Temp. Char. G SL/GP B B/Y5P E E/Y5U F F/Y5V
Suffix
Construction
Type BC, FC
Electrode
Molded Resin
Terminal
Ceramic Element
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately.
Mar. 2008
Ceramic Capacitors (Safety Regulation SMD)
Dimensions in mm (not to scale)
Type BC, FC
S L
S
H
E W
A B
Symbol Type BC Dim. Type FC
L
W
H
S
E
A (2.0) (1.7)
B (3.7) (3.1)
7.10.5 6.30.3 2.50.3 1.450.30 2.50.2 5.70.5 4.50.3 2.3 max. 0.850.30 2.50.2
Specifications
Characteristics Temp. Char. SL/GP Temp. Char. B/Y5P, E/Y5U, F/Y5V Operating Temperature Range -25 to 100 C (-25 to 85 C for UL approved) Rated Voltage 250 VAC Dielectric 1500 VAC for 1 minute Withstanding Voltage Capacitance Within the specified tolerance, when measured Within the specified tolerance, when measured at 1 MHz20 %, 1 to 5 Vrms. and 20 C at 1 kHz20 %, 1 to 5 Vrms. and 20 C Q or Dissipation Factor 30 pF or under Q > 200+10 C (C:Cap.pF) tan < 0.025 (tan ) over 30 pF Q > 500 at 1 kHz20 %, 1 to 5 Vrms. and 20 C at 1 MHz20 %, 1 to 5 Vrms. and 20 C Insulation Resistance 10000 M min. at 500 VDC and 1 minute electrification Temperature Temperature Coefficient:+350 to -1000 ppm/ C Char. Max. Cap. Change Temp. Range Characteristics over the temperature range 20 to 85 C B/Y5P 10 % E/Y5U F/Y5V +20, -55 % +30, -80 % -25 to 85 C
Related Standards and Certificate Number
Certification Body Related Standard UL1414 UL1414 6th Ed. CSA C22.2 No.1 Certificate Number Type BC E62674 -- E62674 Type FC Sub-Class -- Y2 -- Rated Voltage Dielectric Operating Withstanding Temperature Voltage Range 1500 VAC 2000 VAC -25 to 85 C 1500 VAC
-- E62674 -- 0101074/01 SEMKO (Sweden) 0026049/01 0126276/01 FI 16588 FIMKO (Finland) -- FI 17348 EN132 400:1994 Sub-class Y2 (IEC 60384-14 2nd.Ed.) 310914-01 DEMKO (Denmark) -- 310698-01 P01101830 NEMKO (Norway) -- P01100665 SU03013KTL (Korea) K60384-14 (IEC60384-14 2nd Ed.) -- 3001 UL (USA)
250 VAC Y2 1500 VAC -25 to 100 C
Note : is for Line-by-pass capacitors. Certification Number sometimes changes with the change of the approval contents and so on. KTL mark is indicated on the label.
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately.
Dec. 2007
Ceramic Capacitors (Safety Regulation SMD)
Ratings and Characteristics
Type Name Part Number ECCTBC100DG ECCTBC150JG ECCTBC220JG ECCTBC330JG ECCTBC470JG ECCTBC680JG ECKTBC101KB ECKTBC151KB ECKTBC221KB ECKTBC331KB ECKTBC471KB ECKTBC681KB ECKTBC102ME ECKTBC152ME ECKTBC222ME ECKTBC332MF ECKTBC472MF ECCTFC100DG ECCTFC150JG ECCTFC220JG ECCTFC330JG ECKTFC470KB ECKTFC680KB ECKTFC101KB ECKTFC151KB ECKTFC221KB ECKTFC331KB ECKTFC471KB ECKTFC102ME ECKTFC152MF ECKTFC222MF Capacitance (pF) 10 15 22 33 47 68 100 150 220 330 470 680 1000 1500 2200 3300 4700 10 15 22 33 47 68 100 150 220 330 470 1000 1500 2200 Cap. Tolerance 0.5 pF 5 % 5 % 5 % 5 % 5 % 10 % 10 % 10 % 10 % 10 % 10 % 20 % 20 % 20 % 20 % 20 % 0.5 pF 5 % 5 % 5 % 10 % 10 % 10 % 10 % 10 % 10 % 10 % 20 % 20 % 20 % Temp. Char SL/GP SL/GP SL/GP SL/GP SL/GP SL/GP B/Y5P B/Y5P B/Y5P B/Y5P B/Y5P B/Y5P E/Y5U E/Y5U E/Y5U F/Y5V F/Y5V SL/GP SL/GP SL/GP SL/GP B/Y5P B/Y5P B/Y5P B/Y5P B/Y5P B/Y5P B/Y5P E/Y5U F/Y5V F/Y5V Dimensions in mm
Type BC
7.1L 6.3W 2.5H
Type FC
5.7L 4.5W 2.3H
Notes Other capacitance values are available by special order.
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately.
Dec. 2007
Ceramic Capacitors (Safety Regulation SMD)
Packaging Methods (Taping)
Minimum Quantity/Packing Unit Type Type BC Type FC Reel
E C B
Packaging style Embossed Carrier Taping Embossed Carrier Taping EC TBC EC TFC
Part Number 10 to 2200 pF 10 to 2200 pF
Minimum Packing Packing Quantity Carton Dimensions in Carton Quantity in mm (L W H) 2000 pcs./reel 3000 pcs./reel 6000 pcs. 9000 pcs. 350 350 62 350 350 62
Embossed carrier taping
t1 Feeding hole D0 A B F W P1 Tape running direction
Unit:(mm) 0.3
Chip pocket E P2 P0
r
D
t2
A W t
Chip component
Unit:(mm)
Symbol Dim. (mm)
A
B
C
D
E
W
t
r
Symbol
Type BC
3305 60 min. 13.00.5 21.01.0 2.00.5 13.51.5 2.00.5 R1.0
Dim. (mm)
Type FC
ABWF E P1 P2 P0 D0 t1 t2 6.5 7.5 3.2 0.2 0.2 1.5 12.0 5.5 1.75 8.0 2.00 4.0 +0.1 0.3 0.3 4.8 6.0 0.3 0.1 0.10 0.1 0.05 0.1 -0 0.1 2.8
0.2 0.2
Leader Part and Taped End
Unloaded 40 mm min. Chip component position Unloaded 20 mm min. Leader tape 400 mm min.
Typical Characteristics
Temperature Characteristics Char. SL/GP
(Temp.Coeff.:+350 to -1000 ppm/C)
Capacitance Change (%) +10 +5 0 -5 -10 -15 -20 0 20 40 60 80 100 120 Capacitance Change (%) +10 0 - 10
Char. B/Y5P
Temp.Range:-25 to 85 C Max.Cap.Change:10 %
-20
0
Temperature (C)
20 40 60 Temperature (C)
80
100
Char. E/Y5U
(
Temp.Range:-25 to 85 C max.Cap.Change:+20, -55 %
)
+40 Capacitance Change (%) 0
Char. F/Y5V
(
Temp.Range:-25 to 85 C max.Cap.Change:+30, -80 %
)
Capacitance Change (%)
+20 0 -20 -40 -60
-40
-80
-20
0
20 40 Temperature (C)
60
80
-20
0
20 40 Temperature (C)
60
80
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately.
Dec. 2007
Ceramic Capacitors (Safety Regulation SMD)
Typical Characteristics
Type BC
100 100
Impedance vs. Frequency Characteristics Type FC
10 Impedance ( ) Impedance ( )
10
100 pF 220 pF
100 pF 220 pF
1
2200 pF 4700 pF
470 pF 1000 pF
1
470 pF 1000 pF 2200 pF
0.1
1
10
100 Frequency (MHz)
1000
0.1
1
10
100 Frequency (MHz)
1000
Current vs. Voltage (Leakage Current Characteristics) Type BC
0.8 4700 pF 0.7 0.6 Current (mA) 0.5 0.4 0.3 0.2 220 pF 0.1 100 pF 0 250 500 750 1000 Voltage (Vrms) 1250 1500 0.1 0 0 250 500 750 1000 Voltage (Vrms) 1250 1500 2200 pF 0.7 0.6 Current (mA) 0.5 0.4 0.3 0.2 2200 pF(F)
1000 pF(E)
Type FC
0.8
1000 pF 470 pF
470 pF
220 pF 100 pF
Application Examples
MODEM
Primary circuit of Switching Power Supply
PWER DAA Tip & Ring Noise suppression DATA
Noise suppression Noise suppression
Coupling and Insulation
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately.
Dec. 2007


▲Up To Search▲   

 
Price & Availability of ECCTBC100DG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X